Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 29 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 29 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 25Page - Microchip Technology DSA504RT Datasheet HTML 26Page - Microchip Technology DSA504RT Datasheet HTML 27Page - Microchip Technology DSA504RT Datasheet HTML 28Page - Microchip Technology DSA504RT Datasheet HTML 29Page - Microchip Technology DSA504RT Datasheet HTML 30Page - Microchip Technology DSA504RT Datasheet HTML 31Page - Microchip Technology DSA504RT Datasheet HTML 32Page - Microchip Technology DSA504RT Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 29
Address:
Name:
Default:
Type:
0x005D:0x005E
output0_config0
0x0200
R/W
Bit Field
Function Name
Description
15
reserved
—
14:11
mode
OUT0 output buffer mode selector
0 = LVPECL, high-impedance when disabled
1 = LVDS, high-impedance when disabled
2 = LVDS 1.8V, high-impedance when disabled
3 = LPHCSL, high-impedance when disabled
4 = 2 CMOS in phase, high-impedance when disabled, start at low
5 = 2 CMOS, OUT0b inverted, high-impedance when disabled, start at
OUT0 low
6 = 2 CMOS, OUT0b inverted, high-impedance when disabled, start at
OUT0 high
7 = 2 CMOS in phase, high-impedance when disabled, start at high
8 = LVPECL, low/high when disabled
9 = LVDS, low/high when disabled
10 = LVDS 1.8V, low/high when disabled
11 = LP-HCSL, low/high when disabled
12 = 2 CMOS in phase, low when disabled, start at low when enabled
13 = 2 CMOS, OUT0b inverted, OUT0 low when disabled, start at OUT0
low
14 = 2 CMOS, OUT0b inverted, OUT0 high when disabled, start at OUT0
high
15 = 2 CMOS in phase, high when disabled, start at high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com