Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 28 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 28 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 24Page - Microchip Technology DSA504RT Datasheet HTML 25Page - Microchip Technology DSA504RT Datasheet HTML 26Page - Microchip Technology DSA504RT Datasheet HTML 27Page - Microchip Technology DSA504RT Datasheet HTML 28Page - Microchip Technology DSA504RT Datasheet HTML 29Page - Microchip Technology DSA504RT Datasheet HTML 30Page - Microchip Technology DSA504RT Datasheet HTML 31Page - Microchip Technology DSA504RT Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 28
Address:
Name:
Default:
Type:
0x005B
config_0x5B
0x20
R/W
Bit Field
Function Name
Description
7
afb_en_rem_den
APLL frequency plan A remainder and denominator selector.
0 = Disabled, internal rem=0, den=1
1 = Enable, use registers afbrem and afbden
6:5
rfdivn
Frequency plan A reference clock doubler/divider selector.
0 = 1x (pass refclk)
1 = 2x (refclk*2)
2 = 0.5x (refclk/2)
3 = 0.25x (refclk/4)
4:0
tc_ndiv
Frequency plan A system clock divider between 2 to 16.
tc_ndiv=fbclk_MHz/16 (openloop=4).
Address:
Name:
Default:
Type:
0x005C
config_0x5C
0xAA
R/W
Bit Field
Function Name
Description
7
ref_clk_mwidth
Frequency plan A REF clock minimum width selector when rfdivn is
doubling.
0 = disable (minimum width)
1 = enable (minimum width when APLL REF > 90MHz and rfdivn=1)
6:5
rfdivn_b
Frequency plan B reference clock doubler/divider selector.
0 = 1x (pass refclk)
1 = 2x (refclk*2)
2 = 0.5x (refclk/2)
3 = 0.25x (refclk/4)
4:0
tc_ndiv_b
Frequency plan B system clock divider between 2 to 16.
tc_ndiv=fbclk_MHz/16 (openloop=4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com