Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 32 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 32 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 28Page - Microchip Technology DSA504RT Datasheet HTML 29Page - Microchip Technology DSA504RT Datasheet HTML 30Page - Microchip Technology DSA504RT Datasheet HTML 31Page - Microchip Technology DSA504RT Datasheet HTML 32Page - Microchip Technology DSA504RT Datasheet HTML 33Page - Microchip Technology DSA504RT Datasheet HTML 34Page - Microchip Technology DSA504RT Datasheet HTML 35Page - Microchip Technology DSA504RT Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 32
5
cmos_drvp
OUT0 CMOS drive strength
0 = 1x (drive strength 0)
1 = 2x (drive strength 1)
See Table 5-7 and its notes for VOH, VOL, IOH, and IOL values.
4
cmos_drvn
OUT0b CMOS drive strength
0 = 1x (drive strength 0)
1 = 2x (drive strength 1)
See Table 5-7 and its notes for VOH, VOL, IOH, and IOL values.
3
cmos_edge_n[2]
Concatenated with cmos_edge_n[1:0] in the output0_config1 register at
0x5F:0x60.
2:0
cmos_edge_p
OUT0 CMOS edge p control
000 = minimum edge rate
001 = second smallest edge rate
…
111 = maximum edge rate
Address:
Name:
Default:
Type:
0x0062
output0_config3
0x00
R/W
Bit Field
Function Name
Description
7:5
reserved
—
4
pecl_lvds_res
Output buffer LVPECL and LVDS signal swing control
0 = Normal
1 = 100mV smaller
3
hcsl_en42ohm
Output buffer LPHCSL output impedance selector
0 = 50Ω
1 = 42Ω
2
ldo_en
OUT0 buffer enable LDO selector
0 = Disable
1 = Enable
1
en_mod18
OUT0 LVCMOS bias selector for duty cycle enhancement at 1.8V
0 = Normal duty cycle
1 = Enhancement for 1.8V
0
cmos_p_disable
OUT0 disable
0 = Enabled
1 = Disabled (high-impedance)
Address:
Name:
Default:
Type:
0x0063:0x0064
output1_config0
0x0200
R/W
Bit Field
Function Name
Description
15
reserved
—
14:11
mode
OUT1 output buffer mode selector. See output0_config0::mode at
0x5D:0x5E.
10:0
bdiv_val_b
OUT1 buffer divider ratio, frequency plan B. See
output0_config0::bdiv_val_b at 0x5D:0x5E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com