Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 8 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 8 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 4Page - Microchip Technology DSA504RT Datasheet HTML 5Page - Microchip Technology DSA504RT Datasheet HTML 6Page - Microchip Technology DSA504RT Datasheet HTML 7Page - Microchip Technology DSA504RT Datasheet HTML 8Page - Microchip Technology DSA504RT Datasheet HTML 9Page - Microchip Technology DSA504RT Datasheet HTML 10Page - Microchip Technology DSA504RT Datasheet HTML 11Page - Microchip Technology DSA504RT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
DSA504RT
Functional Description
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 8
3.
Functional Description
DSA504RT is high performance, low jitter, six-output programmable clock generators that make
each device a good oscillator-clock-generator-fanout-buffer combination replacement in many
applications.
The internal high-performance PLL locks to an external reference clock signal. While using the
external reference clock, this device can simultaneously be used as a fanout buffer for the external
reference clock. Thus, it offers clock generator and clock buffer function combinations. In the buffer
configuration, the external clock is routed directly from the input to the crossbar at the output.
DSA504RT can accept an external differential clock up to 250 MHz and a single-ended LVCMOS up
to 200 MHz. It combines excellent jitter and stability performance with very low power consumption
over a wide range of supply voltages and temperatures.
With its high performance PLL and wide range VCO, followed by two integer dividers, two fractional
dividers, and a crossbar, each device can synthesize frequencies up to 662 MHz (LVPECL and
LVDS outputs), up to 250 MHz (LPHCSL output), up to 200 MHz (LVCMOS output), and provide
any frequency in the specified range on any output. Furthermore, each output buffer integrates a
back-end integer divider for more frequency flexibility. Each output buffer has a dedicated power
pin with an internal LDO to provide separate output level selection and minimize crosstalk between
outputs.
DSA504RT includes functional safety features required by some applications and have spread
spectrum capability for better EMI control. They also feature GPIO pins and an I2C serial interface.
Each GPIO pin can be configured to perform a specific function according to Table 3-1. The I2C
interface can be used to read back or modify user registers, reboot the part to reset it to its factory
settings, and clear any functional safety flags.
Custom configurations can be created using Microchip’s Timing GUI software available on the
corresponding products’ web pages.
Microchip can program the device OTP memory with the required configuration and provide the
user with custom-programmed parts (see the Product Identification System section). Such custom-
programmed parts will come up with the required settings on every power-up. Additionally, the
device’s OTP memory can be programmed using the OTP programmer tools provided in the
DSA504RT evaluation kits.
3.1.
Startup
Once core VDD (Pins 3, 8, and 28) supply voltages are applied, the device starts the initialization
phase which ends by uploading the content of the OTP non-volatile memory into shadow registers.
The chip will typically start 3ms after the power supply is applied. For minimal start delay, apply core
VDD and VDDOx at the same time. If VDDOx are applied before the core VDD, the outputs are kept
disabled until a stable clock is available at the crossbar output. The off state of the outputs can be
selected to be Hi-Z or Low-High. VDDOx should not be delayed for more than 1.5ms than the core
VDD to ensure the buffers are synchronized.
3.2.
Input Reference Selection
The PLL reference clock of DSA504RT always uses an external clock source. This configuration is set
by default in OTP during the factory programming. The sel_refclk field is set in the configuration
register at address 86.
3.3.
Input Reference Interface
By default, clock inputs (CLKIN/CLKINb) accept differential HCSL signals and can be programmed to
accept single-ended LVCMOS at CLKIN (Pin 1) while CLKINb (Pin 2) becomes a GPI (General Purpose
Input). The diagrams in Figure 3-1 through Figure 3-5 show how to interface the device input to
LPHCSL, HCSL, LVCMOS, LVDS and LVPECL outputs respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com