Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 52 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 52 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 48Page - Microchip Technology DSA504RT Datasheet HTML 49Page - Microchip Technology DSA504RT Datasheet HTML 50Page - Microchip Technology DSA504RT Datasheet HTML 51Page - Microchip Technology DSA504RT Datasheet HTML 52Page - Microchip Technology DSA504RT Datasheet HTML 53Page - Microchip Technology DSA504RT Datasheet HTML 54Page - Microchip Technology DSA504RT Datasheet HTML 55Page - Microchip Technology DSA504RT Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
DSA504RT
Electrical Characteristics
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 52
6.
Electrical Characteristics
This section provides information about Absolute Maximum Ratings, Operating Ratings, DC Electrical
Characteristics, AC Electrical Characteristics and Temperature Specifications.
6.1.
Absolute Maximum Ratings
The following table lists the absolute maximum rating details.
Table 6-1. Absolute Maximum Ratings
Description
Min.
Max.
Units
Supply Voltage (VDD)
–0.5
+4.6
V
Input Voltage (VDD)
–0.5
VDD + 0.5
V
ESD Protection (HBM)
TBD
ESD Protection (MM)
TBD
ESD Protection (CDM)
TBD
Note: Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and
functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet.
Exposure to absolute maximum ratings conditions may affect device reliability.
6.2.
Operating Ratings
The following table lists the operating rating details.
Table 6-2. Operating Ratings
Description
Min.
Max.
Unit
1.8V Operating Voltage (VDD)
+1.71
+1.98
V
2.5V Operating Voltage (VDD)
+2.25
+2.75
V
3.3V Operating Voltage (VDD)
+2.97
+3.63
V
Note:  The data sheet limits are not ensured if the device is operated beyond the recommended operating conditions.
6.3.
DC Electrical Characteristics
The following table lists the DC electrical characteristics.
Table 6-3. DC Electrical Characteristics
Electrical Characteristics: Unless otherwise indicated, VDD = 1.8V +10%/-5%, VDD = 2.5V ±10%, VDD = 3.3V ±10%, TA =
–40°C to +105°C.
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Supply Voltage
VDD
1.71
—
3.63
V
—
Power Supply Ramp
tPU
0.1
—
10
ms
—
Core Total Supply
Current
IDD
—
72
—
mA
Digital + APLL + 2xFracDiv + 2xINTDiv
—
37
—
mA
Digital + APLL + 1xINTDiv
Standby Current
ISTDBY
—
10
—
mA
All Outputs OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com