Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 25 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 25 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 21Page - Microchip Technology DSA504RT Datasheet HTML 22Page - Microchip Technology DSA504RT Datasheet HTML 23Page - Microchip Technology DSA504RT Datasheet HTML 24Page - Microchip Technology DSA504RT Datasheet HTML 25Page - Microchip Technology DSA504RT Datasheet HTML 26Page - Microchip Technology DSA504RT Datasheet HTML 27Page - Microchip Technology DSA504RT Datasheet HTML 28Page - Microchip Technology DSA504RT Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 25
7:4
lpflt_rprop
APLL frequency plan B proportional path resistor.
0 = 12.5kΩ
1 = 10.0kΩ
2 = 8.0kΩ
3 = 6.0kΩ
4 = 4.5kΩ
5 = 3.0kΩ
6 = 2.0kΩ
7 = 1.25kΩ
other = insert +3kΩ post (higher-order pole)
3:0
lpflt_cprop
APLL frequency plan B proportional path capacitor.
0 = 1pF
1 = 5pF
2 = 9pF
3 = 13pF
4 = 17pF
5 = 21pF
6 = 25pF
7 = 29pF
other = +4pf post (higher-order pole)
Address:
Name:
Default:
Type:
0x0058
config_0x58
0x81
R/W
Bit Field
Function Name
Description
7:6
fusa_en_buf
Enable outputs stop (squelch) on FUSA LOL/LOS flags.
0 = no squelch (test mode),
1 = no squelch (test mode),
2 = release squelch in operate state
3 = release squelch in operate state but squelch if fusa lol/los flag
raised
5:4
chp_scaling_b
APLL frequency plan B charge pump scaling.
0 = normal
1 = lower iprop by 30%
2 = lower iint by 30%
3 = lower iprop & iintg by 30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com