Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 71 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 71 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 65Page - Microchip Technology DSA504RT Datasheet HTML 66Page - Microchip Technology DSA504RT Datasheet HTML 67Page - Microchip Technology DSA504RT Datasheet HTML 68Page - Microchip Technology DSA504RT Datasheet HTML 69Page - Microchip Technology DSA504RT Datasheet HTML 70Page - Microchip Technology DSA504RT Datasheet HTML 71Page - Microchip Technology DSA504RT Datasheet HTML 72Page - Microchip Technology DSA504RT Datasheet HTML 73Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
DSA504RT
Ordering Information
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 71
11.
Ordering Information
Note: For more information on DSA504RT device availability and ordering, contact your authorized
Microchip Technology sales representative.
The following table lists the DSA504RT ordering information.
Table 11-1. DSA504RT Ordering Information
Ordering Code
Package
Operating Temperature
Quality Flow
DSA504RT-ZZX-HP
VQFN28
−40 °C to 105 °C
Hirel Plastic
DSA504RT-ZZX-SP
VQFN28
−40 °C to +105 °C
QML-P Equivalent
DSA504RT-XJB-E
CQFP32
+25 °C
Engineering Samples
DSA504RT-XJB-MQ
CQFP32
−40 °C to +105 °C
QML-Q Equivalent
DSA504RT-XJB-SV
CQFP32
−40 °C to +105 °C
QML-V Equivalent
DSA504RT-XJB-HC
CQFP32
−40 °C to +105 °C
Hirel Ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com