Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 1 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 1 Page - Microchip Technology

  DSA504RT Datasheet HTML 1Page - Microchip Technology DSA504RT Datasheet HTML 2Page - Microchip Technology DSA504RT Datasheet HTML 3Page - Microchip Technology DSA504RT Datasheet HTML 4Page - Microchip Technology DSA504RT Datasheet HTML 5Page - Microchip Technology DSA504RT Datasheet HTML 6Page - Microchip Technology DSA504RT Datasheet HTML 7Page - Microchip Technology DSA504RT Datasheet HTML 8Page - Microchip Technology DSA504RT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 1
Introduction
DSA504RT is a 6-output programmable clock generators for space applications. It integrates a low-jitter APLL,
two fractional dividers with spread spectrum, and two integer dividers in order to generate a wide range of
frequencies that can be applied to any of the six outputs using a cross-point switch and a back-end divider
in each output buffer for more frequency granularity. It uses an external differential/single-ended clock as
a reference that allows the synchronization of the outputs with the system’s general clock. The outputs can
be configured as 6 differential outputs (LPHCSL, LVPECL or LVDS), 12 LVCMOS outputs or a combination of
differential and single-ended ones.
Features
• Six-Output Any Frequency Clock Generators
• Up to 6 Differential Outputs or 12 CMOS Outputs
• External Clock Reference
• External Reference Frequency Range:
– External Differential Clock: 10 MHz to 250 MHz
– External LVCMOS Clock: 10 MHz to 200 MHz
• Highly Configurable Outputs with Separate Supply and Independent Format Selection: LPHCSL, LVDS,
LVPECL and LVCMOS
• Output Frequency Range:
– Differential Output:
• LPHCSL: 0.35 MHz to 250 MHz
• LVDS, LVPECL: 0.35 MHz to 662 MHz
– LVCMOS Output: 0.35 MHz to 200 MHz
• Standby Mode for Low Power Consumption when Not in Use
• I2C Interface
• PCIe Gen1 - Gen 7 Compliant Outputs
• Extended Temperature Range: −55 °C to +125 °C
• Operating Voltage: 1.71V to 3.63V
– Operating voltage must not exceed 3.30V on VDDOx supply pins (See Radiation Report for details)
• Packages
– VQFN28, 28-lead Very Thin Quad Flat No-Lead, 4 mm × 4 mm body size
– CQFP32, 32-lead Ceramic Quad Flat Package, 16 mm × 16 mm body size
• ESD
– HBM: TBD
– CDM: TBD
• Radiation performances
– No Single Event Latch-up below a LET of 78 MeV.cm 2/mg at 125 °C
Low-Power, Low-Jitter, Six-Output Clock Generator for
Space Applications
DSA504RT


Similar Part No. - DSA504RT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSA5001 PANASONIC-DSA5001 Datasheet
519Kb / 4P
Silicon PNP epitaxial planar type
DSA500200L PANASONIC-DSA500200L Datasheet
387Kb / 4P
Silicon PNP epitaxial planar type
logo
Danley Sound Labs. All ...
DSA500X4 DANLEY-DSA500X4 Datasheet
187Kb / 2P
Four Channel WIFI DSP Amplifiers
Rev. 2023.02.15
logo
IXYS Corporation
DSA50C100HB IXYS-DSA50C100HB Datasheet
117Kb / 4P
Schottky Diode Gen 2 High Performance Schottky Diode Low Loss and Soft Recovery
logo
Inchange Semiconductor ...
DSA50C100HB ISC-DSA50C100HB Datasheet
284Kb / 2P
Schottky Diode
More results

Similar Description - DSA504RT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
Four Output, Integrated VCO, Low-Jitter Clock Generator
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
logo
HuaXinAn Electronics CO...
AK8160BV HUAXINAN-AK8160BV Datasheet
345Kb / 16P
Low Power & Low Jitter Clock Generator for PCI Express
logo
Asahi Kasei Microsystem...
AK8160B2 AKM-AK8160B2 Datasheet
338Kb / 16P
Low Power & Low Jitter Clock Generator for PCI Express
AK8160BV2 AKM-AK8160BV2 Datasheet
351Kb / 16P
Low Power & Low Jitter Clock Generator for PCI Express
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
AD9530 AD-AD9530 Datasheet
979Kb / 41P
4 CML Output, Low Jitter Clock Generator
4/16-Revision 0
logo
Microchip Technology
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com