Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 42 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 42 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 38Page - Microchip Technology DSA504RT Datasheet HTML 39Page - Microchip Technology DSA504RT Datasheet HTML 40Page - Microchip Technology DSA504RT Datasheet HTML 41Page - Microchip Technology DSA504RT Datasheet HTML 42Page - Microchip Technology DSA504RT Datasheet HTML 43Page - Microchip Technology DSA504RT Datasheet HTML 44Page - Microchip Technology DSA504RT Datasheet HTML 45Page - Microchip Technology DSA504RT Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 42
Address:
Name:
Default:
Type:
0x0096
xbar_sel23
0x3F
R/W
Bit Field
Function Name
Description
7:6
reserved
—
5:3
sel3
OUT3 source, frequency plan A. See xbar_sel01::sel0.
2:0
sel2
OUT2 source, frequency plan A. See xbar_sel01::sel0.
Address:
Name:
Default:
Type:
0x0097
xbar_sel45
0x3F
R/W
Bit Field
Function Name
Description
7:6
reserved
—
5:3
sel5
OUT5 source, frequency plan A. See xbar_sel01::sel0.
2:0
sel4
OUT4 source, frequency plan A. See xbar_sel01::sel0.
Address:
Name:
Default:
Type:
0x0098
xbar_sel01_b
0x3F
R/W
Bit Field
Function Name
Description
7:6
reserved
—
5:3
sel1_b
OUT1 source, frequency plan B. See sel0_b.
2:0
sel0_b
OUT0 source, frequency plan B.
0 = INTDIV1
1 = INTDIV2
2 = FDIV1
3 = FDIV2
4 = CLKIN (requires sel_x_xck=1)
5-7 = Disabled
Address:
Name:
Default:
Type:
0x0099
xbar_sel23_b
0x3F
R/W
Bit Field
Function Name
Description
7:6
reserved
—
5:3
sel3_b
OUT3 source, frequency plan B. See xbar_sel01_b::sel0_b.
2:0
sel2_b
OUT2 source, frequency plan B. See xbar_sel01_b::sel0_b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com