Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 11 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 11 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 7Page - Microchip Technology DSA504RT Datasheet HTML 8Page - Microchip Technology DSA504RT Datasheet HTML 9Page - Microchip Technology DSA504RT Datasheet HTML 10Page - Microchip Technology DSA504RT Datasheet HTML 11Page - Microchip Technology DSA504RT Datasheet HTML 12Page - Microchip Technology DSA504RT Datasheet HTML 13Page - Microchip Technology DSA504RT Datasheet HTML 14Page - Microchip Technology DSA504RT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
DSA504RT
Functional Description
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 11
Figure 3-6. OEx Assertion (Output Enable) Timing Diagram
Figure 3-7. OEx Deassertion (Output Disable) Timing Diagram
3.5.
Outputs Type Control
Each of the six output buffers is powered through a dedicated pin and an internal LDO. Separate
output buffers’ voltage supplies provide less crosstalk between outputs and, therefore, offer
better jitter performance and more flexibility in interfacing the outputs. The output format is set
independently for each output to be differential (LVPECL, LVDS, or LPHCSL) or single-ended LVCMOS
to offer up to six differential outputs or up to 12 LVCMOS outputs.
3.6.
Output LVCMOS Polarity
When LVCMOS format is selected, each pair of CMOS signals generated from the same output
buffer can be programmed to be in phase or be complementary. The polarity of each of the two
outputs can be independently modified through the I2C serial interface, and each of the outputs can
be independently turned off to save power in case that particular one is not used.
3.7.
Output Frequency Selection
The desired output frequencies must be entered in the GUI software during part creation and
then the algorithm calculates the appropriate parameters (PLL feedback ratio, VCO frequency, and
dividers ratios). The output frequencies can also be selected from pre-stored frequency plan A,
frequency plan B, or from both (combination).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com