Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 27 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 27 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 23Page - Microchip Technology DSA504RT Datasheet HTML 24Page - Microchip Technology DSA504RT Datasheet HTML 25Page - Microchip Technology DSA504RT Datasheet HTML 26Page - Microchip Technology DSA504RT Datasheet HTML 27Page - Microchip Technology DSA504RT Datasheet HTML 28Page - Microchip Technology DSA504RT Datasheet HTML 29Page - Microchip Technology DSA504RT Datasheet HTML 30Page - Microchip Technology DSA504RT Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 27
Address:
Name:
Default:
Type:
0x005A
config_0x5A
0x4A
R/W
Bit Field
Function Name
Description
7
autotune
APLL captune algorithm control.
0 = only controlled by retune (internal state machine)
1 = PLL will re-captune if OOL is tripped
6
ibufc_hyst_en
Clock/GPIO01 input select: CMOS buffer hysteresis selector.
0 = disable
1 = enable
5
ibuf_pd
Clock/GPIO01 input select: VDDMI12 LDO power down.
0 = enable (normal)
1 = disable (power down)
4
ibuf_acc
Clock/GPIO01 input select: HCSL buffer coupling mode selector.
0 = DC
1 = AC
3:0
ibuf_ctrl
Clock/GPIO01 input select: HCSL buffer power mode selector.
0 = 51µA
1 = 67µA
2 = 84µA
3 = 101µA (lpwr)
4 = 120µA
5 = 139µA
6 = 158µA
7 = 179µA (poly rho fast)
8 = 199µA
9 = 221µA
10 = 243µA (poly rho nom) (default)
11 = 265µA
12 = 288µA
13 = 311µA (poly rho slow)
14 = 335µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com