Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 41 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 41 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 37Page - Microchip Technology DSA504RT Datasheet HTML 38Page - Microchip Technology DSA504RT Datasheet HTML 39Page - Microchip Technology DSA504RT Datasheet HTML 40Page - Microchip Technology DSA504RT Datasheet HTML 41Page - Microchip Technology DSA504RT Datasheet HTML 42Page - Microchip Technology DSA504RT Datasheet HTML 43Page - Microchip Technology DSA504RT Datasheet HTML 44Page - Microchip Technology DSA504RT Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 41
Address:
Name:
Default:
Type:
0x0088
afbbp
0x00
R/W
Bit Field
Function Name
Description
7:0
—
APLL feedback divider bit position. This defines the lsb of the afbdiv
register's fractional bits below which the afbrem and afbden can be
used for sigma delta modulation for exact 0ppm frequency conversion
from the CLKIN signal. Number of bits used is 33-bp.
0 = 9.33b (XO)
…
9 = 9.24b (MO)
Address:
Name:
Default:
Type:
0x0089:0x008E
afbdiv
0x001E613716AE
R/W
Bit Field
Function Name
Description
47:42
reserved
—
41:0
—
APLL frequency plan A feedback divider value. Bits 41-33 are integer.
Bits 32:0 are fraction.
Address:
Name:
Default:
Type:
0x008F:0x0094
afbdiv_b
0x001E613716AE
R/W
Bit Field
Function Name
Description
47:42
reserved
—
41:0
—
APLL frequency plan B feedback divider value. Bits 41-33 are integer.
Bits 32:0 are fraction.
Address:
Name:
Default:
Type:
0x0095
xbar_sel01
0x3F
R/W
Bit Field
Function Name
Description
7:6
reserved
—
5:3
sel1
OUT1 source, frequency plan A. See sel0.
2:0
sel0
OUT0 source, frequency plan A .
0 = INTDIV1
1 = INTDIV2
2 = FDIV1
3 = FDIV2
4 = CLKIN (requires sel_x_xck=1)
5-7 = Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com