Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 26 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 26 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 22Page - Microchip Technology DSA504RT Datasheet HTML 23Page - Microchip Technology DSA504RT Datasheet HTML 24Page - Microchip Technology DSA504RT Datasheet HTML 25Page - Microchip Technology DSA504RT Datasheet HTML 26Page - Microchip Technology DSA504RT Datasheet HTML 27Page - Microchip Technology DSA504RT Datasheet HTML 28Page - Microchip Technology DSA504RT Datasheet HTML 29Page - Microchip Technology DSA504RT Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 26
3:0
chp_iprop_iint_b
APLL frequency plan B charge pump iprop (proportional current) / iint
(integral current).
0 = 100µA/25µA
1 = 200µA/25µA
2 = 300µA/25µA
3 = 400µA/25µA
4 = 500µA/50µA
5 = 600µA/50µA
6 = 700µA/50µA
7 = 800µA/50µA
8 = 1000µA/50µA
9 = 1000µA/100µA
10 = 1200µA/50µA
11 = 1200µA/100µA
12 = 1400µA/50µA
13 = 1400µA/100µA
14 = 1600µA/50µA
15 = 1600µA/100µA
Address:
Name:
Default:
Type:
0x0059
config_0x59
0x5D
R/W
Bit Field
Function Name
Description
7
reserved
6
ref_clk_mwidth_b
Frequency plan B REF clock minimum width selector when rfdivn is
doubling.
0 = disable (minimum width)
1 = enable (minimum width when APLL REF > 90MHz and rfdivn_b=1)
5
afb_en_rem_den_b
APLL frequency plan B remainder and denominator selector
0 = Disabled, internal rem=0, den=1
1 = Enable, use registers afbrem and afbden
4:3
js_order_b
APLL frequency plan B feedback divider sigma-delta modulation order.
0 = no sigma delta (fractional bits ignored)
1 = js1. no shaping (integer mode)
2 = js2. 20dB/decade — do not use
3 = js3. 40dB/decade (fractional mode)
2:0
pfd_ctl_432_b
Frequency plan B APLL PFD. Anti-backlash width setting and PFD boost.
0=250ps, mode 1x plateau width=0ps,
1=700ps, mode 1x plateau width=0ps,
2=250ps (boost mode 2x) plateau width=±80ps,
3=350ps (boost mode 2x) plateau width=±80ps,
4=1000ps, mode 1x plateau width=0ps,
5=1200ps, mode 1x plateau width=0ps,
6=1400ps, mode 1x plateau width=0ps,
7=1600ps, mode 1x plateau width=0ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com