Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 57 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 57 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 53Page - Microchip Technology DSA504RT Datasheet HTML 54Page - Microchip Technology DSA504RT Datasheet HTML 55Page - Microchip Technology DSA504RT Datasheet HTML 56Page - Microchip Technology DSA504RT Datasheet HTML 57Page - Microchip Technology DSA504RT Datasheet HTML 58Page - Microchip Technology DSA504RT Datasheet HTML 59Page - Microchip Technology DSA504RT Datasheet HTML 60Page - Microchip Technology DSA504RT Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
DSA504RT
Electrical Characteristics
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 57
Table 6-9. LVPECL AC Electrical Characteristics
Electrical Characteristics: Unless otherwise indicated, VDD = 3.3V ±10%, VDD = 2.5V ±10%, CLOAD = 2pF, TA = –40°C to
+105°C.
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Output Frequency
fOUT
0.35
—
662
MHz —
Output Voltage
Swing
VSWING
0.6
0.8
1.0
V
—
LVPECL Output Rise/
Fall Time
tR/tF
—
350/420
—
ps
20% – 80%
6.4.2.
LVDS AC Electrical Characteristics
The following table lists the LVDS AC electrical characteristics details.
Table 6-10. LVDS AC Electrical Characteristics
Electrical Characteristics: Unless otherwise indicated, VDD = 3.3V ±10%, VDD = 2.5V ±10%, VDD = 1.8V +10%/-5%, CLOAD =
2pF, TA = –40°C to +105°C.
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Output Frequency
fOUT
0.35
—
662
MHz —
Differential Output
Voltage
VOD
275
350
475
mV
VDDO = 2.5V/3.3V
—
270
—
mV
VDDO = 1.8V
VOD Magnitude
Change
ΔVOD
—
—
40
mV
—
LVDS Output Rise/
Fall Time
tR/tF
—
200/200
—
ps
20% – 80%
6.4.3.
LPHCSL AC Electrical Characteristics
The following table lists the LPHCSL AC electrical characteristics details.
Table 6-11. LPHCSL AC Electrical Characteristics
Electrical Characteristics: Unless otherwise indicated, VDD = 3.3V ±10%, VDD = 2.5V ±10%, VDD = 1.8V +10%/-5%, CLOAD =
2pF, TA = –40°C to +105°C.
Parameter
Symbol
Min
Typ
Max
Units Condition
Output Frequency
fOUT
0.35
—
250
MHz —
Output Swing
—
—
0.8
—
VPP
HCSL, Figure 6-1
Output Rise/Fall
Time
tR/tF
—
260/310
—
ps
20% – 80%
Rising Edge Rate
—
0.6
—
4.0
V/ns Note 1, Note 2
Falling Edge Rate
—
0.6
—
4.0
V/ns Note 1, Note 2
Absolute Crossing
Point Voltage
VCROSS
+250
—
+550
mV
Note 3, Note 4, Note 5, Figure 6-1
Variation of VCROSS
over All Clock Edges VCROSS DELTA
—
—
+140
mV
Note 3, Note 4, Note 6, Figure 6-3
Ringback Voltage
Margin
VRB
–100
—
+100
mV
Note 1, Note 7, Figure 6-4
Time Before VRB is
Allowed
tSTABLE
500
—
—
ps
Note 1, Note 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com