Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 54 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 54 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 50Page - Microchip Technology DSA504RT Datasheet HTML 51Page - Microchip Technology DSA504RT Datasheet HTML 52Page - Microchip Technology DSA504RT Datasheet HTML 53Page - Microchip Technology DSA504RT Datasheet HTML 54Page - Microchip Technology DSA504RT Datasheet HTML 55Page - Microchip Technology DSA504RT Datasheet HTML 56Page - Microchip Technology DSA504RT Datasheet HTML 57Page - Microchip Technology DSA504RT Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
DSA504RT
Electrical Characteristics
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 54
Table 6-4. LVPECL DC Electrical Characteristics (continued)
Electrical Characteristics: Unless otherwise indicated, VDD = 3.3V ±10%, VDD = 2.5V ±10%, TA = –40°C to +105°C
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Output Low Voltage
VOL
VDDO–
1.945
VDDO–1.77
VDDO–
1.645
V
50Ω to VDDO – 2V
Common Mode
Voltage
VCM
—
VDDO -1.4
—
V
—
6.3.2.
LVDS DC Electrical Characteristics
The following table lists the LVDS DC electrical characteristics details.
Table 6-5. LVDS DC Electrical Characteristics
Electrical Characteristics: Unless otherwise indicated, VDD = 3.3V ±10%, VDD = 2.5V ±10%, VDD = 1.8V +10%/-5%, TA =
–40°C to +105°C
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Offset Voltage
(Common Voltage)
VOS
—
1.2
—
V
VDD = 2.5V/3.3V
—
TBD
—
V
VDD = 1.8V
VOS Magnitude
Change
ΔVOS
–50
—
50
mV
—
6.3.3.
LPHCSL DC Electrical Characteristics
The following table lists the LPHCSL DC electrical characteristics details.
Table 6-6. LPHCSL DC Electrical Characteristics
Electrical Characteristics: Unless otherwise indicated, VDD = 3.3V ±10%, VDD = 2.5V ±10%, VDD = 1.8V +10%/-5%, TA =
–40°C to +105°C
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Output High
Voltage
VOH
600
750
900
mV
—
Output Low Voltage
VOL
–150
0
27
mV
—
Common Voltage
VCM
—
0.4
—
V
—
Differential Output
Impedance
ROUT
—
100
—
Ω
Default
—
85
—
Ω
Optional (OTP option)
6.3.4.
LVCMOS DC Electrical Characteristics
The following table lists the LVCMOS DC electrical characteristics details.
Table 6-7. LVCMOS DC Electrical Characteristics
Electrical Characteristics: Unless otherwise indicated, VDD = 3.3V ±10%, VDD = 2.5V ±10%, VDD = 1.8V +10%/-5%, TA =
–40°C to +105°C
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Output High
Voltage
VOH
0.8 x VDD0
—
—
V
Note 1
Output Low Voltage
VOL
—
—
0.2 x VDD0
V
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com