Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 63 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 63 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 59Page - Microchip Technology DSA504RT Datasheet HTML 60Page - Microchip Technology DSA504RT Datasheet HTML 61Page - Microchip Technology DSA504RT Datasheet HTML 62Page - Microchip Technology DSA504RT Datasheet HTML 63Page - Microchip Technology DSA504RT Datasheet HTML 64Page - Microchip Technology DSA504RT Datasheet HTML 65Page - Microchip Technology DSA504RT Datasheet HTML 66Page - Microchip Technology DSA504RT Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
DSA504RT
Solder Reflow Profile
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 63
8.
Solder Reflow Profile
8.1.
VQFN Package
The suggested soldering flow profiles are provided as helpful guidelines.
Note: Microchip cannot guarantee results and is not responsible for any issues that may arise from
following these recommendations.
Figure 8-1. Solder Reflow Profile
MSL 1 @ 250°C Refer to JSTD-020C
Ramp-Up Rate (200°C to Peak Temp)
3°C/sec. max.
Preheat Time 150°C to 200°C
60 to 180 sec.
Time maintained above 217°C
60 to 150 sec.
Peak Temperature
255°C to 260°C
Time within 5°C of Actual Peak
20 to 40 sec.
Ramp-Down Rate
–6°C/sec. max.
Time 25°C to Peak Temperature
8 minutes max.
8.2.
CQFP Package
See the device’s Qualpack document, which is available upon request from your Microchip
Technology sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com