Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 13 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 13 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 9Page - Microchip Technology DSA504RT Datasheet HTML 10Page - Microchip Technology DSA504RT Datasheet HTML 11Page - Microchip Technology DSA504RT Datasheet HTML 12Page - Microchip Technology DSA504RT Datasheet HTML 13Page - Microchip Technology DSA504RT Datasheet HTML 14Page - Microchip Technology DSA504RT Datasheet HTML 15Page - Microchip Technology DSA504RT Datasheet HTML 16Page - Microchip Technology DSA504RT Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
DSA504RT
Functional Description
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 13
Figure 3-11. LVPECL Output Termination (Option 2)
Figure 3-12. LVCMOS Output Termination
3.9.
Spread Spectrum Clocking
To offer flexibility in controlling EMI interference, a Spread Spectrum Clocking (SSC) feature is
incorporated in the two fractional dividers by modulating their output clock. The spread level
range is ±2.5% for center spread and 0% to –2.5% for down spread with 0.1% resolution. The
level of spread for each fractional divider can be set during production or post-production by using
dedicated GPIO (see Table 3-1) or through I2C serial interface by setting register fields enss and
dwnen for the fractional dividers.
3.10. Low Power Standby Mode
The device features a standby mode that lowers power consumption. The standby mode can be
activated by using a dedicated GPIO.
3.11. General Purpose IO
Depending on the external clock input configuration, either differential or single-ended, DSA504RT
supports up to 2 pins that can be configured as GPIOs (General Purpose Input/Output) and be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com