Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 55 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 55 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 51Page - Microchip Technology DSA504RT Datasheet HTML 52Page - Microchip Technology DSA504RT Datasheet HTML 53Page - Microchip Technology DSA504RT Datasheet HTML 54Page - Microchip Technology DSA504RT Datasheet HTML 55Page - Microchip Technology DSA504RT Datasheet HTML 56Page - Microchip Technology DSA504RT Datasheet HTML 57Page - Microchip Technology DSA504RT Datasheet HTML 58Page - Microchip Technology DSA504RT Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
DSA504RT
Electrical Characteristics
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 55
Table 6-7. LVCMOS DC Electrical Characteristics (continued)
Electrical Characteristics: Unless otherwise indicated, VDD = 3.3V ±10%, VDD = 2.5V ±10%, VDD = 1.8V +10%/-5%, TA =
–40°C to +105°C
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Notes: 
1. VOH measured at IOH = –6 mA/–3.5 mA/–2 mA for drive strength 0 and IOH = –10 mA/–6.5 mA/–4 mA for drive strength 1
when VDDO = 3.3V/2.5V/1.8V respectively.
2. VOL measured at IOL = 6 mA/3.5 mA/2 mA for drive strength 0 and IOL = 10 mA/6.5 mA/4 mA for drive strength 1 when
VDDO = 3.3V/2.5V/1.8V respectively.
6.4.
AC Electrical Characteristics
The following table lists the AC electrical characteristics details.
Table 6-8. AC Electrical Characteristics
Electrical Characteristics: Unless otherwise indicated, VDD = 3.3V ±10%, VDD = 2.5V ±10%, VDD = 1.8V +10%/-5%, CLOAD =
2pF, TA = –40°C to +105°C.
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Input Slew Rate
SRIN
0.6
—
—
V/ns —
Input Voltage Swing
VASWING
0.15
—
—
Vdiff —
Differential
Absolute Max Input
Voltage
VIN(MAX)
—
—
+1.15
V
Note 1, Note 2
SE CMOS Absolute
Max Input Voltage
—
—
VDD + 0.3
V
Note 1, Note 2
Differential
Absolute Min Input
Voltage
VIN(MIN)
–0.3
—
—
V
Note 1, Note 3
SE CMOS Absolute
Min Input Voltage
–0.3
—
—
V
Note 1, Note 3
Differential Input
Frequency
fIN
10
—
250
MHz PLL mode (no lower limit in buffer mode)
Input Frequency
(Single-Ended CMOS
CLKIN)
fIN_SE
10
—
200
MHz PLL mode (no lower limit for buffer
mode)
Input Duty Cycle
IDC
35
—
65
%
—
Input Capacitance
CIN
—
—
5
pF
—
Power Supply
Rejection Ratio
PSRRHSCL
—
TBD
—
dBc
10kHz sinusoidal noise, Note 4
—
TBD
—
100kHz sinusoidal noise, Note 4
—
TBD
—
500kHz sinusoidal noise, Note 4
—
TBD
—
1MHz sinusoidal noise, Note 4
Output-Output
Crosstalk
XTALK
—
TBD
—
dBc
Note 5
Output Duty Cycle
ODC
45
50
55
%
Note 6, Figure 6-2, 50% input duty cycle,
PLL mode
Output-to-Output
Skew
tSKEW
—
100
ps
—
Start-Up Time
tSTART
—
3
—
ms
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com