Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 6 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 6 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 2Page - Microchip Technology DSA504RT Datasheet HTML 3Page - Microchip Technology DSA504RT Datasheet HTML 4Page - Microchip Technology DSA504RT Datasheet HTML 5Page - Microchip Technology DSA504RT Datasheet HTML 6Page - Microchip Technology DSA504RT Datasheet HTML 7Page - Microchip Technology DSA504RT Datasheet HTML 8Page - Microchip Technology DSA504RT Datasheet HTML 9Page - Microchip Technology DSA504RT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
DSA504RT
Pin Description
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 6
2.
Pin Description
The following figure shows the pin diagram and the table lists the pin names and its functional
description.
Figure 2-1. Pin Diagram
Table 2-1. DSA504RT Pin Description
Pin Number for
VQFN Package
Pin Number for
CQFP Package
Pin Names
Description
1
1
CLKIN
Differential Clock input/Single-Ended LVCMOS Clock Input.
2
2
CLKINb/GPI
Differential Clock input/General Purpose input. If not used, pull
down to GND. General Purpose Input/Output. This pin has a
programmable internal (~100 kΩ) pull-down.
3
3
VDD
VDD pins 3, 8, and 28 should be connected to the same power
supply.
4
4
GND
Ground
5
5
GPIO2
General Purpose Input/Output. This pin has an programmable
internal (~100 kΩ) pull-up.
6
6
SDA
I2C Data.
This pin has a programmable internal (~100 kΩ) pull-up.
7
7
SCL
I2C Clock.
This pin has a programmable internal (~100 kΩ) pull-up.
—
8
GND
Ground
8
9
VDD
VDD for the digital block.
VDD pins 3, 8, and 28 should be connected to the same power
supply.
9
10
OUT0b
Complementary Output 0. Output logic can be selected to be
differential (LPHCSL, LVDS and LVPECL) or single-ended LVCMOS.
10
11
OUT0
True Output 0. Output logic can be selected to be differential
(LPHCSL, LVDS and LVPECL) or single-ended LVCMOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com