Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 14Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 15Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 16Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 17Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 18Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 19Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 20Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 21Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
EM77950
BB Controller
10
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
6
Memory
6.1 Program Memory
The EM77950 has a 14-bit program counter (PC). The space of program memory,
which is partitioned into 2 pages can address up to 12K. One page has 8K in length,
and the other is 4K. Fig. 6-1 depicts the profile of the program memory and stack. The
initial address is 0x0000. The table of interrupt-vectors starts from 0x10 to 0x80 with
every other eight-address space.
A13 A12 A11 A10
A7~A0
A9 A8
Stack 0
Stack 1
Stack 1E
Stack 1F
CALL
RET
RETL
RETI
PS0
Address
Page
0
0000 ~ 1 FFF 0
HPC
LPC
Addr
Vector
0000
Reset
0010 Key Wake-up
0020
TCCOF
0028
FRCOF
ACC2
ACC1
ACC0
SR2
SR1
SR0
RAMBS02
RAMBS01
RAMBS00
1
2000 ~ 2FFF
1
ROMPS2
ROMPS1
ROMPS0
INT
Fig. 6-1 Configuration of Program Memory (ROM) for EM77950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com