Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 57 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 57 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 53Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 54Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 55Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 56Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 57Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 58Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 59Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 60Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 61Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 49
(This specification is subject to change without further notice)
Moreover all these events can be masked together by IE in IER register.
If INT pin is set to “1”, the MCU learns which event has occurred by reading IIR register.
INT goes “0” when MCU reads from IIR register.
8.2.10
Packet Size
There are two types of packet structure determined by PPR [5] (FIXED).
Fixed Sized Packet
– all packets have the same, fixed size. The packet size is
determined in PSR register. The packet size can be 2 ~ 255 bytes.
Variable Sized Packet
- the header of the incoming packet determines the packet size.
One of the header bytes contains the packet size. Bits SIZE_LOC[0:1] in LCR register
determines the location (offset) of the packet size inside each incoming packet header.
The BB reads the packet size byte in the packet header according to LCR register.
In both cases the packet size does not include the CRC addition or the Preamble.
8.2.11
NET_ID and NODE_ID Filters
NET_ID and NODE_ID are two filters in the receiver. They filter incoming packets
according to their network address and node address.
The address field in each incoming packet is compared to NET_ID byte and NODE_ID
byte. If one of the above comparisons fails, then the packet is discarded and the MCU
will not be aware of it.
NET_ID and NODE_ID are both one byte. Their values are stored in NIR and BIR
registers accordingly. The byte to which they are compared is set by the LCR register.
Each of them can be enabled or disabled independently (PPR register).
NET_ID is targeted to be a filter on the network address. It is supposed to be common
for all nodes in the network.
NODE_ID is targeted to be a filter on the specific node address. It is supposed to be
unique to each node in the network.
The purpose of these filters is to conserve MCU power and to reduce its load. In a
multi-node network, a node can filter all packets that are not sent to it, while in
multi-network environment, a node can filter packets from other RFWaves networks.
In certain network, a multicast ability inside the network is required. Even if NODE_ID
filter is applied, Addresses ‘111111XX’ in NODE_ID filter are preserved for multicast
transmissions. NODE_ID filter will not discard those 4 addresses in any case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com