Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 71 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 71 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 67Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 68Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 69Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 70Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 71Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 72Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 73Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 74Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 75Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 63
(This specification is subject to change without further notice)
8.4 Interrupt Registers
8.4.1 Interrupt Enable Register (IER)
This register is a write and a read register.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IER
CS
TX_AE
RX AF
TX
EMPTY
RX_OF
LINK_
DIS
LOCK
OUT
LOCK
IN
Default Value:
0x00.
For all flags in this register, 0 : Disable
1
: Enable
Bit 0:
LOCK_IN
This flag enables/disables the LOCK IN interrupt.
PREAMBLE + NODE_ID + NET_ID identified correctly triggers LOCK IN
interrupt.
Bit 1:
LOCK_OUT
This flag enables/disables the LOCK OUT interrupt.
End of received packet triggers LOCK_OUT interrupt.
Bit 2:
LINK_DIS
This flag enables/disables the LINK_DIS interrupt.
The zero counter capacitor discharge triggers the LINK_DIS interrupt.
Bit 3:
RX_OF
This flag enables/disables the RX_OF interrupt.
End of received packet triggers RX_OF interrupt.
Bit 4:
TX_EMPTY
This flag enables/disables the TX_EMPTY (Transmitter Empty) interrupt.
X_EMPTY interrupt tells the MCU that the transmitter has just finished
transmitting a packet. BB goes to RX mode after finishing the transmission of a
packet.
Bit 5:
RX_AF
This flag enables/disables the RX_AF interrupt.
The RX_AF interrupt is triggered when RX_FIFO AF flag goes from ‘0’ to ‘1’.
Bit 6:
TX_AE
This flag enables/disables the TX_AE interrupt.
The TX_AE interrupt is triggered when TX_FIFO AE flag goes from ‘0’ to ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com