Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 45 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 45 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 41Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 42Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 43Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 44Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 45Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 46Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 47Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 48Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 49Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 37
(This specification is subject to change without further notice)
Bit 7 (ADRUN):
ADC starts to RUN
0
: reset on completion of the conversion; this bit cannot be reset by
software.
1
: A/D conversion is started; this bit can be set by software.
Bits 4 and 5
are reserved.
7.3.14
PWM Control Register – PWMCR (0x98)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
S_PWM1 S_PWM0
-
-
Bit 2 (S_PWM0):
Selected PWM0 output enable.
Bit 3 (S_PWM1):
Selected PWM1 output enable.
0
: disable PWM output
1
: enable enable PWM output
Bits 0, 1 and 4 ~ 7
are reserved.
7.3.15
BB Interrupt Control Register – RFINTE (0x99)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CSDE
TX_AEE
RX_AFE
TX_
EMPTYE
RX_OFE
LINK_
DISE
LOCK_OU
TE
LOCK_
INE
Bit 0 (LOCK_INE):
LOCK IN interrupt enable bit.
Bit 1 (LOCK_OUTE):
LOCK OUT interrupt enable bit.
Bit 2 (LINK_DISE):
LINK_DIS interrupt enable bit.
Bit 3 (RX_OFE):
RX FIFO full interrupt enable bit.
Bit 4 (TX_EMPTYE):
TX EMPTY interrupt enable bit.
Bit 5 (RX_AFE):
RX FIFO almost full interrupt enable bit.
Bit 6 (TX_AEE):
TX FIFO almost empty interrupt enable bit.
Bit 7 (CSDE):
carrier-sense interrupt enable bit.
0
: disable interrupt function
1
: enable interrupt function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com