Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 80 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 80 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 76Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 77Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 78Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 79Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 80Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 81Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 82Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 83Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 84Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
EM77950
BB Controller
72
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
2
0
1
2
0
1
5
3
4
ADDATA
DATA BUS
ADC4
ADC3
ADC2
ADC0
ADC5
ADC6
ADC7
ADC8
Vref
Power Down
Fsco
7
8-1
MUX
ADC
( successive approximation )
7
CKR[0:2]
IMS[0:2]
AIPS[0:3]
Start to Convert
ADC9
ADCA
ADCB
ADC1
3
7
6
ADRUN
4
3
4
5
ADE
ADIF
2
ADE
1
0
ADCC
ADCD
ADCE
ADCF
Fig.10 Analog-to-Digital Conversion Functional Block Diagram
10.1 ADC Control Registers
As the ADC mode is defined, the related registers of this operation are shown below:
INTF (0X11): I
nterrupt flag,
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADIF
RBFIF
PWM1IF
PWM0IF
EINT1F
EINT0F
TCCOF
FRCOF
ADDATA (0x1F):
ADC 8-bit data.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
When the A/D conversion is completed, Bit 7 ~ Bit 0 are loaded to the
ADDATA [7:0]. The ADCRUN bit is cleared, and the ADIF is set.
PRIE (0x80):
Peripherals enable control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPIE
-
BBE
ADE
PWM1E
PWM0E
TCCE
FRCE
ADCAIS (0x96):
ADC analog input pin select and conversion rate select.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
IMS2
IMS1
IMS0
CKR2
CKR1
CKR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com