Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 31Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 32Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 33Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 34Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 35Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 36Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 37Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 38Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 27
(This specification is subject to change without further notice)
RAMBSX (0x04/0x07)
Bank
000
0
010
2
011
3
100
4
101
5
110
6
7.1.6 ROM Page Selector – ROMPS (0x05)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
-
-
RPS0
As depicted in Fig. 6-1, there are two available pages in MCU. The first page has
8K
×16 ROM size and the second page has 4K×16 ROM size. Both of them can be
accessed by defining the bits, RPS0, as shown below.
As depicted in Fig. 6-1, there are two available pages in the MCU. Each page has
12K
×16 ROM size and can be accessed by defining the bits, RPS0, as shown below.
RPS0
Page (Address)
0
0 (0x0000~0
×1FFF)
1
1 (0x2000~0
×2FFF)
7.1.7 Indirect Addressing Pointers – IAP0 (0
×06), and IAP1 (0×08)
Both R6 and R8 are not physically implemented registers. They are useful as indirect
addressing pointers. Any instruction using R6/R4 and R8/R7 as registers actually
access data pointed by R0 and R9 individually.
7.1.8 Indirect Address Pointer Direction Control Register – IAPDR
(0x0A)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
IAP1_D
IAP0_D IAP1_D_E IAP0_D_E
Bit 0/1
(IAP0_D_E/IAP1_D_E) Indirect addressing pointer0/1 direction function enable
bit.
0
: Disable
1
: Enable
Bit 2/3
(IAP0_D/IAP1_D) Indirect addressing pointer0/1 direction control bit.
0
: Minus direction
1
: Plus direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com