Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 56 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 56 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 52Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 53Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 54Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 55Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 56Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 57Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 58Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 59Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 60Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
EM77950
BB Controller
48
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
There are 8 events in the BB that can cause the INT pin to go from low to high:
1.
LOCK_IN – This interrupt indicates that the BB has started receiving a new
packet. The Preamble has been identified. If the NET_ID or/and the NODE_ID
are enabled, then they have been identified correctly. This event signals the
beginning of an incoming packet.
2.
LOCK OUT – BB has just finished receiving a packet. This means that if the BB is
in fixed packet size mode, then it has finished receiving PSR bytes not including
CRC bytes. If BB is not in fixed packet size mode, then it has just finished
receiving a packet of size as indicated in the packet header. Although RX_STOP
and setting TX_RX=1 (SCR2) terminate the receiving of the packet, they do not
cause a LOCK_OUT event, since the MCU is already aware of it (the MCU
initiated it). The LOCK_OUT interrupt tells the MCU when to get data out of the
RX_FIFO.
3.
LINK_DIS – This interrupt indicates that a “Zero counter” capacitor discharge
event has occurred. If a consecutive number of zero bits (according to SCR3
(4:6)) have been received, this interrupt is set, even if zero count capacitor
discharge is disabled (SCR3 (3) – EN_ZERO_DIS = ’0’). The actual capacitor
discharge and its interrupt are two separate registers (IER (2) for the interrupt and
SCR3 (3) for the discharge).
4.
RX_OF – This interrupt indicates that a byte from an incoming packet was
discarded, since the RX_FIFO was already full. The receiver module tried to write
a byte to a full RX_FIFO. The MCU should know that the corresponding packet is
corrupted, since it is lacking at least one byte.
5.
TX_EMPTY – The BB has finished transmitting a packet. Meaning, the transmit
shift register is empty and BB is now in RX mode (not TX mode).
6.
RX_FIFO_AF – RX_FIFO is almost full. If the MCU does not want the RX_FIFO
to overflow, then it should empty it.
7.
TX_FIFO_AE – TX_FIFO is almost empty. If the MCU did not finish putting the
transmitted packet in the TX_FIFO, then it should continue doing so now.
8.
CS – CS status line has gone from “1” to “0” invokes a CS interrupt. This signals
the MCU that an unidentified (NET_ID or NODE_ID or Preamble were not
identified) packet has ended. If the MCU has a packet to transmit, and CS=”1”
than the MCU waits for this event.
All these events can be masked. If an event is masked, then even if that event occurs
- it does not set the INT pin to “1”. The masking is done by register IER.
The reason for masking is that in different applications or in different situation in the
same application these events have different priorities. The MCU determines which of
these events will invoke an MCU interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com