Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 77 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 77 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 73Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 74Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 75Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 76Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 77Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 78Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 79Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 80Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 81Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 69
(This specification is subject to change without further notice)
9.4 Transceiver Timing
SPIE
SCK
CES = 1
SDO
SDOD = 0
SDI
SDID = 0
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7
Bit
6 Bit7
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6
Bit
6 Bit7
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6
SCK
CES = 0
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
SDO
SDOD = 1
Bit
6 Bit0
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1
Bit
6 Bit0
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1
SDI
SDID = 1
RBF
Fig. 9-2 SPI Transceiver Timing
9.5 Related Registers with SPI
As the SPI mode is defined, the related registers of this operation are shown below:
SPIRB (0x1D):
Serial peripheral interface read Register
SPIWB (0x1E):
Serial peripheral interface write Register
INTF (0X11):
Interrupt flag
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADIF
RBFIF
PWM1IF
PWM0IF
EINT1F
EINT0F
TCCOF
FRCOF
PRIE (0x80):
Peripherals enable control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPIE
-
BBE
ADE
PWM1E
PWM0E
TCCE
FRCE
INTE (0X81):
Interrupt enable control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GIE
RBFIE
PWM1IE
PWM0IE
EINT1E
EINT0E
TCCOE
FRCOE
SPIC (0X85):
SPI control.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPI_RBF
CES
SBR2
SBR1
SBR0
SDID
SDOD
SPIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com