Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 60 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 60 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 56Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 57Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 58Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 59Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 60Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 61Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 62Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 63Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 64Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
EM77950
BB Controller
52
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
The number of “0” bits that will cause a discharge in Mechanism 2 are determined by
bits ZERO_DISCH_CNT [0:2].
For both mechanisms, the discharge time is determined by CAP_DIS_PERIOD in
SCR3.
Discharge is done by setting RX_TX pin to ‘1’ for a certain time and then setting it back
to ‘0’.
(*) More detailed explanations of the reference capacitor discharge algorithms and
motivations are can be found in the “RFW - Capacitor Discharge.pdf” document.
8.2.14
Changing BB Configuration
It is not recommended to change the BB configuration while it is in the middle of
receiving or transmitting a packet.
Thus, before writing to any of the BB control registers (such as BLR, PRE-L, PRE-H,
PPR etc), do thefollowing:
1.
Change TX_RX mode to RX.
2.
Disable Preamble search (SEARCH_EN in SCR2)
3.
Stop all RX receiving – RX_STOP.
It is then safe to change the BB configuration.
8.2.15
Input Synchronizer
Handling asynchronous inputs to the BB.
Q
Q
SET
CLR
S
R
Q
Q
SET
CLR
S
R
Asynchronous
Input
CLK
Synchronized
Input
8.3 Register Description
The registers in the BB are divided into three groups:
•
Read-only registers. Mainly status registers.
•
Write-only registers. Mainly control registers.
•
Read and write registers.
In case of an RST pulse, all register are set to their default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com