Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 74 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 74 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 70Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 71Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 72Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 73Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 74Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 75Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 76Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 77Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 78Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
EM77950
BB Controller
66
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
RFINTE (0x99):
BB interrupt enable.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CSDE
TX_AEE
RX_AFE
TX_
EMPTYE
RX_OFE
LINK_
DISE
LOCK_OU
TE
LOCK_ INE
PRIE (0x80):
Peripherals enable control.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPIE
-
BBE
ADE
PWM1E
PWM0E
TCCE
FRCE
8.6.2 BB Control Example
ORG
0X0060
// TX_EMPTY INT address
BC
RFINTF, TX_EMPTYF
// RF data send out, clear INT flag.
RETI
ORG
0X0100
START:
BS
RFACR, RRST
// BB reset.
NOP
BC
RFACR, RRST
BS
PRIE, WME
// BB power enable.
MOV
A, #0x10
MOV
RFINTE, A
// BB INT.TX_EMPTY enable.
ENI
// enable all INT.
RF_TX_INITIAL:
WRITE
#SCR2, #8
// Reset TX_FIFO, RX mode.
WRITE
#BLR, #10
// Set bit rate.
WRITE
#PPR, #33
// Set package size to be fixed.
// Refresh bit mode 1. CRC disabled
WRITE
#PSR, #6
// Set package size to 6.
WRITE
#PRE_H, #0xDC
// Set preamble High byte value.
WRITE
#PRE_L, #0xA7
// Set preamble Low byte value.
RF_SEND_DATA:
WRITE
#TX_FIFO, #0x01
// Write first byte of package to
// TX_FIFO.
WRITE
#TX_FIFO, #0x02
WRITE
#TX_FIFO, #0x03
WRITE
#TX_FIFO, #0x04
WRITE
#TX_FIFO, #0x05
WRITE
#TX_FIFO, #0x06
// Write last byte of package to
// TX_FIFO.
READ
#TFR, 0x60
// Read TFR register data
WRITE
#IER, #16
// enable TX_EMPTY INT
WRITE
#SCR4, #0x03
// enable all INT.
WRITE
#SCR2, #1
// move from RX to TX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com