Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 70 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 70 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 66Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 67Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 68Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 69Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 70Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 71Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 72Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 73Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 74Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
EM77950
BB Controller
62
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
Bit 4:
LOCK
This signals whether a Preamble was identified or is still searching.
When the flag is “0”, the receiver is searching for Preamble.
When the flag is “1” a Preamble was identified. If a packet was discarded for
any reason, the LOCK flag goes to 1.
Bit 5:
BIT_ERROR
This flag indicate that there was some error in the received package. The
packet was not received according the expected timing specifications.
The packet can still pass CRC verification.
Bit 6:
TX_UF
This flag is set whenever the MCU reads a byte from an empty TX_FIFO.
This flag indicates abnormal end of packet transmission. The MCU
transmitter’s state machine has expected to find a valid byte in the TX_FIFO
according to the packet size, but it found an empty TX_FIFO. When this event
occurs, the TX_EMPTY interrupt is invoked and TX_UF (underflow) flag is set
to ‘1’.
This flag is set by hardware and cleaned by MCU. It is cleaned whenever the
MCU read the SSR register.
Default Value:
0x04.
8.3.15
Packet Size Register (PSR)
This is a read and a write register.
It contains the Packet Size in byte units. When working in fixed size packets (see
Control Bit-1), the size will be fixed for all types of packets.
The size in PSR excludes 2 bytes of Preamble and 2, 1 or 0 bytes of CRC.
Default Value:
0x00.
8.3.16
Carrier Sense Register (CSR)
This is both a read and a write register.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CSR
ZERO
CNT.3
ZERO
CNT.2
ZERO
CNT.1
ZERO
CNT.0
ONE
CNT.3
ONE
CNT.2
ONE
CNT.1
ONE
CNT.0
Bits 0-3:
ONE_CNT [0:3]
The number of successive “1” bits that set the carrier sense high.
Bits 4-7:
ZERO_CNT [0:3]
The number of successive “0” bits that reset the carrier sense (CS=’0’).
Default Value:
0x44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com