Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 6Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 7Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 8Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 9Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 10Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 11Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 12Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 13Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
EM77950
BB Controller
2
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
Power consumption:
< 4 mA @ 3.3V, 6 MHz
< 60
μA @ 3.0V, (RC = 32.768 kHz)
< 1
μA standby current
52/44-pin QFP package
2.2 Oscillators/System Clocks
Three oscillator options:
•
Crystal/Resonate oscillator of high frequency
•
PLL oscillator: 6MHz, 12 MHz, 24 MHz, and 48 MHz
(External crystal should be 6 MHz)
•
External RC oscillator
Three modes of system clocks:
•
Sleep mode
•
Green mode
•
Normal mode
Internal RC oscillator for Power-on Reset (POR) and Watchdog Timer (WDT)
2.3 Input and Output (I/O) Pins
40 I/O pins max.
Pull-up resistor options
Key Wake-up function
Open drain output options
2.4 Timers and Counters
Programmable 8-bit real Time Clock/Counter (TCC) with prescaler and overflow
interrupt
16-bit Free Run Counter (FRC) with overflow interrupt
2.5 Interrupt Sources and Features
Hardware priority check
Different interrupt vectors
Interrupts
•
Key Wake-up function
•
External pin interrupt
•
16-bit Free Run Counter Overflow
•
TCC (time-base) overflow;
•
Read Buffer Full Interrupt in Serial Peripheral Interface (SPI)
•
An analog to digital converting (ADC) complete
•
One period of Pulse Width Modulation (PWM) complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com