Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 46 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 46 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 42Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 43Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 44Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 45Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 46Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 47Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 48Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 49Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 50Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
EM77950
BB Controller
38
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
7.4 Code Option (ROM-0x2FFF)
Register SCLK is located on the very last bit of EM77950’s 12K program ROM. These
values will be fetched first to be the system initial values as power-on.
SCLKC:
System Clock Control Register
SCLKC
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x2FFF
-
-
-
RFCLK1 RFCLK0
SCLK1
SCLK0
SCLKC
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0x2FFF
-
-
-
-
-
-
-
-
Bit 1 ~ Bit 2 (SCLKS1 ~ SCLKS0):
System Clock Frequency Select Control Bits
SCLK1
SCLK0
System Clock (MHz)
0
0
6
0
1
12
1
0
24
1
1
48
Bit 3 ~ Bit 4 (RFCK1 ~ RFCK0):
Wireless Modem Clock Frequency Select Control Bits
RFCLK1
RFCLK0
System Clock (MHz)
0
0
6
0
1
12
1
0
24
1
1
48
Bit5 ~ 15:
Reserved
SCLK [1:0]
RFCLK [1:0] WDT_CON.GREEN
SYS CLK
RF CLK
Note
00
00
0
Bypass
Bypass
1~20MHz
(6MHz)
00/01/10/11
01/10/11
0
6/12/24/48
12/24/48
01/10/11
00/01/10/11
0
12/24/48
6/12/24/48
00/01/10/11
00/01/10/11
1
IRC
6/12/24/48
BB enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com