Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 68 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 68 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 64Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 65Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 66Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 67Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 68Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 69Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 70Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 71Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 72Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
EM77950
BB Controller
60
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
Bits 4-5:
SIZE_LOC [0:2]
These bits determine the location of the Packet Size parameter in the header
(the location is specified in bytes excluding the Preamble). The location should
be fixed for all the different kinds of packets transferred by the system.
Location
SIZE LOC 2
SIZE LOC 1
SIZE LOC 0
2
0
0
0
3
0
0
1
4
0
1
0
5
0
1
1
6
1
0
0
7
1
0
1
8
1
1
0
9
1
1
1
Default Value:
0x00
8.3.12
Node Identity Register (BIR)
This is a read and a write register.
When the Receiver State Machine builds the incoming packet, it compares the value in
the BIR register to the received data at the location specified in LCR.
If received NODE_ID and the expected NODE_ID are not equal, the packet is
discarded.
Four multicast NODE_ID addresses are implemented “111111XX”. All packets whose
6 MSBs are “1” are not discarded.
Default Value:
0x00
8.3.13
Net Identity Register (NIR)
This is a read and a write register.
When the Receiver State Machine builds the incoming packet, it compares the value in
the NIR to the received data at the location specified in LCR.
If received NET_ID and the expected NET_ID are not equal, the packet is discarded.
Default Value:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com