Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 43 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 43 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 39Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 40Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 41Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 42Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 43Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 44Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 45Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 46Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 47Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 35
(This specification is subject to change without further notice)
7.3.10
Free Run Counter Controller – FRCC (0x94)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
OSCO2E OSCO2SL1 OSCO2SL0
PPSCL2
PPSCL1
PPSCL0
FRCCS
Bit 0 (FRCCS):
Clock Source Select.
FRCCS
Clock Source
0
Selected PLL Clock Source
1
Selected IRC Clock Source
Bits 1 ~ 3 (PSR0 ~ PSR2):
Prescaler for the OSCO2 clock output.
PPSCL2
PPSCL1
PPSCL0
Clock Rate
0
0
0
1:2
0
0
1
1:4
0
1
0
1:8
0
1
1
1:16
1
0
0
1:32
1
0
1
1:64
1
1
0
1:128
1
1
1
1:256
Bit 4 and Bit 5 (OSCO2SL0 and OSCO1SL1):
System Clock Frequency Select
Control Bits
OSCO2SL0
OSCO2SL1
Output Frequency (MHz)
0
0
6
0
1
12
1
0
24
1
1
48
Bit 6 (OSCO2E):
OSCO2 output function mask. .
0
: OSCO2 disabled, function as pin PF0;
1
: OSCO2 enabled.
Bit 7
Reserved.
7.3.11
Watchdog Timer Controller – WDTC (0x95)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GREEN
-
-
WDTCE
-
RAT2
RAT1
RAT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com