Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 38 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 38 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 34Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 35Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 36Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 37Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 38Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 39Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 40Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 41Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 42Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 102 page
background image
EM77950
BB Controller
30
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
7.1.23
PWM Duty Latch – DL0L (0x25)/DL0H (0x26) & DL1L
(0x2B)/DL1H (0x2C)
R26 : R25 16-bit PWM0 output duty cycle buffer. R2C : R2B 16-bit PWM1 output duty
cycle buffer.
7.1.24
BB Address Register – RFAAR (0x2D)
Register R2D indicates BB indirect RAM address.
7.1.25
BB Data Buffer Register – RFDB (0x2E)
Register R2E indicates BB indirect RAM data.
7.1.26
BB Data Read/Write Control Register – RFACR (0x2F)
Register R2F indicates BB RAM access control.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
RRST
RFRD
RFWR
Bit 0 (RFWR):
Write BB register.
Bit 1 (RFRD):
Read BB register
Bit 2 (RRST):
BB S/W reset.
Bit 3 ~ Bit 7:
reserved
7.1.27
BB Interrupt Flag Register – RFINTF (0x30)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CSDF TX_AEF RX_AFF TX_ EMPTYF RX_OFF LINK_ DISF LOCK_OUTF LOCK_ INF
Bit 0 (LOCK_INF):
This bit reflects the LOCK IN flag interrupt.
Bit 1 (LOCK_OUTF):
This bit reflects the LOCK OUT flag interrupt.
Bit 2 (LINK_DISF):
This interrupt is invoked by the zero counter capacitor discharge
mechanism.
Bit 3 (RX_OFF):
This bit reflects the RX FIFO full flag interrupt.
Bit 4 (TX_EMPTYF):
This bit reflects the TX EMPTY flag interrupt.
Bit 5 (RX_AFF)
: This bit reflects the RX FIFO almost full flag interrupt.
Bit 6 (TX_AEF)
: This bit reflects the TX FIFO almost empty flag interrupt.
Bit 7 (CSDF):
This flag indicates that a carrier-sense interrupt has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com