Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 36Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 37Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 38Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 39Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 40Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 41Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 42Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 43Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
EM77950
BB Controller
32
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
Bit 7 (GIE):
Global interrupt control bit. Global interrupt is enabled by the ENI and RETI
instructions and is disabled by the DISI instruction.
0
: disable Global interrupt function
1
: enable Global interrupt function
7.3.3 Key Wake-up Enable Control – KWUAIE (0x82) & KWUBIE
(0x83)
KWUAIE:
Port A Key Wake-up Interrupt Enable Control Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
KWUBE
KWUAE
KWU9E
KWU8E
Bit 0 ~bit 3 (KWU8E ~ KWUBE):
Enable or disable the PTA0 ~ PTA3 Key Wake-up
function.
0
: disable key wake-up function
1
: enable key wake-up function
KWUBIE:
Port B Key Wake-up Interrupt Enable Control Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
KWU7E
KWU6E
KWU5E
KWU4E
KWU3E
KWU2E
KWU1E
KWU0E
Bit 0 ~bit 7 (KWU0 ~ KWU7):
Enable or disable the PTB0 ~ PTB7 Key Wake Up
function.
0
: disable key wake-up function
1
: enable key wake-up function
7.3.4 External Interrupts Edge Control – EINTED (0x84)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
-
EINT1ED EINT0ED
Bit 0 (EINT0ED):
Define which edge as an interrupt source for EINT0.
Bit 1 (EINT1ED):
Define which edge as an interrupt source for EINT1.
0
: Falling Edge
1
: Rising Edge
Bit 2 ~ Bit 7
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com