Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 37 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 37 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 33Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 34Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 35Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 36Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 37Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 38Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 39Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 40Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 41Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 29
(This specification is subject to change without further notice)
7.1.15
Key Wake-up Flag Register – KWUAIF (0x12) & KWUBIF
(0x13)
KWUAIF:
Port A Key Wake-up Interrupt Flag
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
KWUBIF
KWUAIF
KWU9IF
KWU8IF
KWUBIF:
Port B Key Wake-up Interrupt Flag
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
KWU7IF
KWU6IF
KWU5IF
KWU4IF
KWU3IF
KWU2IF
KWU1IF
KWU0IF
7.1.16
I/O Port Registers – PTA ~ PTF (0x14 ~ 0x19)
PTX can be operated by related instructions, as any other general purpose registers.
That is, PTX is an 8-bit, bidirectional, general purpose port. Its corresponding I/O
control bit determines the data direction of a PTX pin.
7.1.17
16-bit Free Run Counter (FRC) – LFRC (0x1A), HFRC (0x1B)
& LFRCB (0x1C)
R1A is 16-bit FRC low byte; R1B is high byte; R1C is low byte buffer.
7.1.18
Serial Peripheral Interface Read Register – SPIRB (0x1D)
Register R1D indicates SPI received data.
7.1.19
Serial Peripheral Interface Write Register – SPIWB (0x1E)
Register R1E indicates SPI transmitted data.
7.1.20
ADC Converting Value – ADDATA (0x1F)
ADDATA:
Converting Value of ADC.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
7.1.21
PWM Duty – DT0L (0x21)/DT0H (0x22) & DT1L (0x27) / DT1H
(0x28)
R22 : R21 16-bit PWM0 output duty cycle. R28 : R27 16-bit PWM1 output duty cycle.
7.1.22
PWM Period – PRD0L (0x23)/PRD0H (0x24) & PRD1L
(0x29)/PRD1H (0x2A)
R24 : R23 16-bit PWM0 output period cycle. R2A : R29 16-bit PWM1 output period
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com