Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 98 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 98 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 94Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 95Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 96Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 97Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 98Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 99Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 100Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 101Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 102Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 98 / 102 page
background image
EM77950
BB Controller
90
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
19 Electrical Specification
19.1
Absolute Maximum Ratings
Temperature under Bias
0
°C
to
70
°C
Storage temperature
-65
°C
to
150
°C
Input voltage
-0.3V
to
+3.6V
Output voltage
-0.3V
to
+3.6V
19.2
DC Electrical Characteristic
Ta=0
°C ~ 70 °C, VDD=3.3V±5%, VSS=0V
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Fxt
Crystal: VDD ~ 2.75V One cycle with one clock
DC
−
48.0
MHz
IIL
Input Leakage
Current for input pins VIN = VDD, VSS
−
−
±2
μA
VIH
Input High Voltage
Port A ~ Port F
0.8xVDD
−
−
V
VIL
Input Low Voltage
Port A ~ Port F
VSS
−
0.2xVDD
V
VIHT
Input High Threshold
Voltage
/RST
2.0
−
−
V
VILT
Input Low Threshold
Voltage
/RST
−
−
0.8
V
VIHX
Clock Input High
Voltage
OSCI, OSCO
2.5
−
−
V
VILX
Clock Input Low
Voltage
OSCI, OSCO
−
−
1.0
V
VOH1
Output High Voltage:
PTA, PTC, PTD,
PTE, PTF
IOH = -8.0 mA
2.4
−
−
V
VOH2
Output High Voltage:
PTB;
RFIO
IOH = -8.0 mA
2.4
−
−
V
VOL1
Output Low Voltage:
PTA, PTC, PTD,
PTE, PTF
IOL = 8.0 mA
−
−
0.4
V
VOL2
Output Low Voltage:
PTB; RFIO
IOL = 8.0 mA
−
−
0.4
V
IPH
Pull-high current
Pull-high active, input pin at
VSS
−
-6.5
−
μA
ISB
Power down current
All input and I/O pins at VDD,
Output pin floating,
WDT enabled.
−
−
2
μA
ISB
Power down current
All input and I/O pins at VDD,
Output pin floating, WDT and
all peripherals disabled.
−
−
1
μA
ICC1
Operating supply
current
(VDD = 3.3V)
/RESET = 'High',
Fosc = 32kHz (RC type),
Output pin floating, WDT and
all peripherals disabled.
−
60
−
μA
ICC3
Operating supply
current
(VDD = 3.3V)
/RESET= 'High',
Fosc = 6MHz (Crystal type),
Output pin floating, and all
peripherals disabled.
−
5
−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com