Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 10Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 11Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 12Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 13Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 14Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 15Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 16Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 17Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
EM77950
BB Controller
6
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
4
Pin Description
The Table below shows the corresponding relationship between the pad and pins of EM77950A
Pin #
Symbol
Type
Schmitt
Trigger
Pull High
/50K
Ω
Open
Drain
Function Description
1
PTF0/OSCO2
I/O
−
√
−
Pin 0 of Port F
Selected PLL clock out
2
PF1
I/O
−
√
−
Pin 1 of Port F
3~6
KWU8~B,
PA0~3
I/O
−
√
−
Pins 0~3 of Port A (default).
Key Wake-up 8~B
7
/RST
−
√
−
−
Reset pin
8~10
PTA4~6
I/O
−
√
−
Pins 4~6 of Port A.
11
PWM0/PTA7
I/O
−
√
−
Pin 7 of Port A.
PWM0 output
12~19 PB0 ~ PB7
I/O
−
√
√
Pins 0~7 of Port B (default).
Key Wake-up 0~7
20
DVDD
−
−
−
−
Power supply for digital circuit. The power
source value should be within the range of the
operating voltage.
21
RF_ACT
O
−
−
−
BB/RF Active
22
TXRX
O
−
−
−
Transceiver modes control
23
RFIO
I/O
−
−
−
Transceiver to/from RF modem
24
DVSS
−
−
−
−
Ground Pin for Digital circuit
25
SDI/PTC0
I/O
√
√
√
Data in of SPI
Pin 0 of Port C
26
SDO/PTC1
I/O
√
√
√
Data out of SPI
Pin 1 of Port C
27
SCK/PTC2
I/O
√
√
√
Clock of SPI
Pin 2 of Port C
28
EINT0/ PTC3
I/O
−
√
√
External interrupt Pin 0
Pin 3 of Port C
29
EINT1/ PTC4
I/O
−
√
√
External interrupt Pin 1
Pin 4 of Port C
30
PWM1/PTC5
I/O
−
√
√
Pin 5 of Port C.
PWM1 output
31
PLLC
−
−
−
−
External capacitor for PLL circuit
32
OSCO1
O
−
−
−
Output of crystal oscillator
33
OSCI
I
−
−
−
Input of crystal oscillator
34
AVSS
−
−
−
−
Ground Pin for Analog circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com