Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 65 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 65 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 61Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 62Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 63Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 64Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 65Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 66Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 67Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 68Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 69Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 57
(This specification is subject to change without further notice)
8.3.7 System Control Register 3 (SCR3)
This register is a read and a write register.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SCR3
LOW
MODE
ZERO
DISCH
CNT 2
ZERO
DISCH
CNT 1
ZERO
DISCH
CNT 0
EN
ZERO
DISCH.
CAP DIS
PERIOD
EN CAP
DISCH.
-
Bit 1:
EN_CAP_DISCH
Enables/disables capacitor discharge mechanism after each received packet:
0
: Disables discharge.
1
: Enables discharge.
This bit overrides Bit 3.
Bit 2:
CAP_DIS_PERIOD
Determines the capacitor discharge duration:
0
: The pulse width is 36 clocks, (3
μsec at 12 MHz clock).
1
: The pulse width is 72 clocks, (3
μsec at 24 MHz clock).
Bit 3:
EN_ZERO_DISCH
Enables/disables zero counter mechanism for capacitor discharge:
0
: Disables discharge
1
: Enables discharge
Bits 4-6:
ZERO_DISCH_CNT [0:2]
Determine the number of zero bits that will trigger a capacitor discharge by the
zero counter mechanism.
ZERO DISCH
CNT 0
ZERO DISCH
CNT 1
ZERO DISCH
CNT 2
Number of Zeros
0
0
0
5
0
0
1
10
0
1
0
15
0
1
1
20
1
0
0
25
1
0
1
30
1
1
0
35
1
1
1
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com