Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 63 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 63 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 59Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 60Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 61Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 62Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 63Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 64Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 65Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 66Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 67Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 55
(This specification is subject to change without further notice)
Bit 7:
NET_ID_EN
This is NET_ID control bit.
0
: Disables Net ID search.
1
: Enables Net ID search according to LCR, NIR.
8.3.5 System Control Register1 (SCR1)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
This byte is reserved.
Default Value:
0x00.
8.3.6 System Control Register 2 (SCR2)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SCR2
PRE
MASK 2
PRE
MASK 1
PRE
MASK 0
STO
P RX
TX FIFO
RESET
RX FIFO
RESET
SEARCH
EN
TX_RX
This register is a read and a write register.
This register controls the system operation modes.
Bit 0:
TX_RX
Controls the transceiver mode: receive mode or transmit mode
When TX_RX is low – BB is in receive mode (default mode). The output pin
RX_TX is set to ‘0’. BB searches for a Preamble. If Preamble is found, it
handles the process of receiving a packet.
If SCR3 (7) is set, then the BB goes to RX mode and the output pin RX_TX is
TX mode.
The capacitor discharge can change the output pin RX_TX to TX mode even if
we are in RX mode in the BB. In this case the output pin RX_TX will be in TX
for a short duration and then return to RX mode.
When TX_RX is high – BB is in transmit mode. The output pin RX_TX is set to
‘1’. BB handles the process of transmitting a packet according to the data in
the TX_FIFO. When it finishes transmitting the packet, it automatically goes
back to receive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com