Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 59 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 59 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 55Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 56Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 57Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 58Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 59Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 60Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 61Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 62Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 63Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 51
(This specification is subject to change without further notice)
Search
Window
Search
Window
Search
Window
1usec
1usec
2 * 1usec
1usec
1usec
DATA_IO
Signal
(0)
ONE_CNT=0
ZERO_CNT=1
(1)
ONE_CNT=1
ZERO_CNT=0
(2)
ONE_CNT=1
ZERO_CNT=1
(3)
ONE_CNT=2
ZERO_CNT=0
(4)
ONE_CNT=2
ZERO_CNT=0
(5)
ONE_CNT=2
ZERO_CNT=1
(6)
ONE_CNT=1
ZERO_CNT=0
Fig. 8-4 Carrier-Sense Example
In the example shown in Figure 8-2, at time (1) a new “1” bit is received after a “0” bit
was received. Thus, ONE_CNT equals 1 and ZERO_CNT is reset to 0. At time (2), a
zero bit is received, so the ZERO_CNT is incremented. At time (3), a “1” is received
after a “0” bit that was received before it. Thus ONE_CNT is incremented and
ZERO_CNT is reset. At time (4) a “1” bit is received after a “1” bit, thus, there is no
change in any counter. At time (6) a “1” bit is received out of the allowed window, so
ONE_CNT is reset to 1.
The CSR register is used to configure the carrier-sense algorithm sensitivity. The CSR
register determines the number of “1” bit required in order to decide that a carrier exists.
The CSR also determines the number of successive “0” bits that reset the carrier-sense
state machine.
In SSR register, bit CS notifies whether a carrier was identified. Carrier-sense can also
be used as an interrupt. When CS in SSR goes from ‘1’ to ‘0’ i.e. the transmission has
stopped, a CS interrupt is invoked (if enabled in IER). The purpose of this interrupt is to
inform the MCU that the channel is free again.
If the BB identifies a packet, the carrier-sense algorithm halts. When the BB is in RX
mode and the LOCK flag in SSR is “0”, the CS mechanism is working. When the LOCK
flag in SSR is “1”, the CS mechanism is not working, since the CS flag does not add any
information because a Preamble was identified already. After a Preamble was
identified the CS in SSR equals ‘1’.
8.2.13
Receiver Reference Capacitor Discharge
BB implements two independent mechanisms for receiver capacitor discharge:
At the end of each received packet.
Zero counter.
Mechanism 1 is enabled/disabled by bit EN_CAP_DISCH in SCR3.
Mechanism 2 is enabled/disabled by bit EN_ZERO_DISCH in SCR3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com