Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 76 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 76 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 72Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 73Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 74Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 75Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 76Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 77Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 78Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 79Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 80Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
EM77950
BB Controller
68
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
9
Direction Serial Peripheral Interface (SPI)
9.1 Introduction
The EM77950 communicates with other devices via SPI (Direction Serial Peripheral
Interface) module, as shown in Fig. 9-1. To accomplish communication, SPI uses three
wire synchronous protocols: Serial Clock, Serial Data Output, and Serial Data. If the
EM77950 is a master controller, it sends clock through the SCK pin. An 8-bit data is
transmitted and received at the same time. If the EM77950, however, is defined as a
slave, its SCK pin could be programmed as an input pin. Data will continue to be
shifted on the basis of both the clock rate and the selected edge.
9.2 Features
3-wire, full duplex synchronous transceiver
Operation in either Master mode or Slave mode
Programmable baud rates of communication
Programming clock polarity
Programmable data transmission order
Interrupt flag available for read buffer full
Up to 8 MHz (maximum) bit frequency
9.3 Block Diagram
Read Buffer
(SPIRB)
Write Buffer
(SPIWB)
Shift Register (SPIS)
Clock
Generator
Read Buffer
(SPIRB)
Write Buffer
(SPIWB)
Shift Register (SPIS)
Clock
Generator
SPI Master
SPI Slave
SDO
SDO
SCK
SCK
SDI
SDI
Fig. 9-1 Typical SPI Transceiver Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com