Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 93 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 93 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 89Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 90Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 91Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 92Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 93Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 94Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 95Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 96Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 97Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 85
(This specification is subject to change without further notice)
15.4
Wake-up Procedure on Power-on Reset
Power-on Voltage Detector (POVD) will allow the VDD whose value is over the default
threshold voltage (2.0 V for the EM77950) to enter the IC, and the SST delay starts.
The following three cases may be taken into consideration:
(1) /RESET pin goes high with VDD at the same time. In hardware, this pin and VDD
are tied together. The internal reset will remain low until the SST delay is over.
(2) /RESET pin goes high during the SST delay. It is similar to Case 1. The IC will
start to operate when the SST delay is over.
/RESET pin goes high after an SST delay. The EM77950 will start program execution
immediately
16 Oscillators
16.1
Introduction
The EM77950 provides three main oscillators: One high frequency crystal oscillator
(connected to OSCI and OSCO), internal RC, and four PLL (Phase Lock Loop) outputs.
Versatile combinations of oscillation are provided for a wide range of applications.
On-chip clock sources can be either dual clocks or single clock.
16.2
Clock Signal Distribution
FRCC.FRCCS
MCU Kernel
8 bit ADC
16 bit PWM
8 bit TCC
WDT
6MHz
IRC CLK
6
12
PLL
24
48
PD
(Power Down)
BYP
SYS_CLK 0/1=0
& RF_CLK 0/1=0
SYS_CLK 0/1
TCCC.TCCS0
SR.GREEN
SYS_NCLK
SYS_ICLK
SPI
RF-BB
RF_CLK 0/1
16 bit FRC
Fig. 16 Clock Tours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com