Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 94 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 94 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 90Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 91Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 92Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 93Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 94Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 95Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 96Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 97Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 98Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 102 page
background image
EM77950
BB Controller
86
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
16.3
PLL Oscillator
The Phase-locked loop (PLL) technology is employed to produce four different
frequencies: 6 MHz, 12MHz, 24MHz and 48 MHz (external 6MHz crystal). Setting the
SYS_CLK bits can select the system clock source. PLL is enabled except when
entering Green and Sleep mode.
16.4
Selected PLL Oscillation out
As shown in register FRCC (0x94), EM77950 can output the selected PLL frequency
divided by the prescaler. Once the pin is enabled as a PLL clock out, the output
frequency can be implemented by the peripherals of the chip. If disabled, this pin is
used as pin PF0, a general purpose I/O pin.
17 Low-Power Mode
17.1
Introduction
The EM77950 has two power-saving modes, green mode and sleep mode. Figure 17
shows the mode change diagram.
Power On
Normal
Green
Sleep
1. WDTC[7].Green=1
2. WDT Time out
3. /Reset
1. Key Wake-up
2. WDT Time out
3. /Reset
SLEP INST.
WDTC[7].Green=0
SLEP INST.
Key Wake up
Fig. 17 Three-Mode State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com