Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 41 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 41 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 37Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 38Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 39Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 40Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 41Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 42Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 43Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 44Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 45Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 33
(This specification is subject to change without further notice)
7.3.5 Serial Peripheral Serial (SPI) Enable Control Register – SPIC
(0x85)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPI_RBF
CES
SBR2
SBR1
SBR0
SDID
SDOD
SPIS
Bit 0 (SPIS):
SPI start.
Bit 1 (SDOD):
SPI data shift out direction.
0
: Most significant bit (MSB) transmitted first
1
: Least significant bit (LSB) transmitted first
Bit 2 (SDID):
SPI data shift in direction.
0
: Most significant bit (MSB) received first
1
: Least significant bit (LSB) received first
Bit 3 ~ 5 (SBR0 ~ SBR2):
Configure the transmission mode and the clock rate.
SBR2 (Bit5)
SBR1 (Bit4)
SBR0 (Bit3)
Mode
Baud Rate
0
0
0
Master
Fosc/2
0
0
1
Master
Fosc/4
0
1
0
Master
Fosc/8
0
1
1
Master
Fosc/16
1
0
0
Master
Fosc/32
1
0
1
Slave
N/A
1
1
0
N/A
N/A
1
1
1
N/A
N/A
Bit 6 (CES):
Clock edge select bit.
0
: Data shifts out on a rising edge, and shifts in on a falling edge. Data is
held during a low level
1
: Data shifts out on falling edge, and shifts in on rising edge. Data is hold
during the high level
Bit 7 (SPI_RBF):
SPI read buffer full flag.
7.3.6 I/O Control Registers – IOCA~IOCF (0x86~0x8B)
IOCX is used to determine the data direction of its corresponding I/O port bit.
0
: configure a selected I/O pin as output
1
: configure a selected I/O pin as input
The only four least significant bits of port F, and the only five least significant bits of port
C are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com