Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 7Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 8Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 9Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 10Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 11Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 12Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 13Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 14Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 3
(This specification is subject to change without further notice)
•
Base Band (BB) function interrupts:
CSD: carrier sense detection
TX_AE: TX_FIFO almost full
RX_AF: RX_FIFO almost full
TX_ EMPTY: finish a transmitting a package
RX_OF: RX_FIFO overflow
LINK_DIS: zero counter capacitor discharge mechanism
LOCK_OUT: finish receiving a package
LOCK_IN: start receiving a package
2.6 Baseband (BB)
Serial to Parallel conversion of RFW102 interface
Parallel interface to RFW102 modem
Serial to Parallel conversion of RFW102 interface
Input FIFO (RX_FIFO)
Output FIFO (TX_FIFO)
Preamble Correlation
Packet Address Filter (Network and unique)
CRC calculation
Inter-RFWAVES networks Carrier-sense
Discharge of RFW-102 reference capacitor
Compensate for clock drifts between the transmitting EM77950 and the receiving
EM77950 up to 1000ppm. Hence, the EM77950 requires low performance crystal.
Interrupt Driver – connected to the EM77950’s internal interrupt and informs the
EM77950 about BB events.
2.7 Serial Peripheral Interface (SPI)
Either MSB or LBS can be transmitted/received first
Both Master and Slave modes available
2.8 Pulse Width Modulation (PWM)
Dual Pulse Width Modulation (PWM) with 16-bit resolution
2.9 Analog to Digital Converter (ADC)
16 multi-channel Analog to Digital Converter with 8-bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com