Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 62 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 62 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 58Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 59Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 60Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 61Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 62Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 63Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 64Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 65Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 66Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
EM77950
BB Controller
54
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
Bits 0-2 (RB-0~RB-2):
Refresh Bits
These bits determine the maximum number of successive “zero” bytes allowed
before an added “one” bit is stuffed to the packet by the transmitter state
machine. The reason for this feature is to keep the RFW-102 reference
capacitor charged.
Refresh Bit
Bit 2
Bit 1
Bit 0
Refresh bit is added to every byte.
0
0
0
Refresh bit is added if 1 byte equals x”00”.
0
0
1
Refresh bit is added if 2 successive bytes equal x”00”.
0
1
0
Refresh bit is added if 3 successive bytes equal x”00”.
0
1
1
Refresh bit is added if 4 successive bytes equal x”00”.
1
0
0
Refresh bit is added if 5 successive bytes equal x”00”.
1
0
1
Refresh bit is added if 6 successive bytes equal x”00”.
1
1
0
Refresh bit is added if 7 successive bytes equal x”00”.
1
1
1
The value of the refresh bit is determined by the value of the reference
capacitor.
Bits 3, 4:
CRC [0:1]
These bits control the CRC operation for both transmit and receive mode:
CRC
Bit 4
Bit 3
No CRC
0
0
CRC8
0
1
CRC8
1
0
CRC16
1
1
Bit 5:
FIXED
This controls the packet mode when high system packets are fixed size and the
length is specified in the Packet Size Register (PSR).
When FIXED is low, the packet size is variable. The size is specified in the
header of the incoming or outgoing packets. The location of the packet size
field is specified in the LCR register.
Bit 6:
NODE_ID_EN
This is NODE_ID control bit.
0
: Disables Node ID search.
1
: Enables Node ID search according to LCR, BIR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com