Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 58 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 58 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 54Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 55Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 56Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 57Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 58Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 59Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 60Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 61Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 62Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 102 page
background image
EM77950
BB Controller
50
•
Product Specification (V1.0) 10.09.2007
(This specification is subject to change without further notice)
8.2.12
Carrier-Sense
Carrier-sense protocols are protocols in which a node (station) listens to the common
channel before it starts transmitting. The node tries to identify other transmissions in
order to avoid collision that might block its own transmission. In a wider perspective, a
network that applies carrier-sense protocol utilizes the channel bandwidth more
efficiently. A more efficient network enables lower power consumption to each node,
shorter delay and higher probability of reaching destination to each packet.
The BB uses one complimentary technique in order to achieve very wide-ranging
carrier-sense abilities. It has an internal implementation of RFWaves Network
Carrier-Sense algorithm. This enables it to avoid collision with other RFWaves stations
on its network or from other networks in the area.
While the Carrier-Sense status bit in SSR (CS) tells the MCU when not to transmit, the
two interrupt CS and LINK_DIS gives the MCU a flag when to transmit. LINK_DIS will
be invoked whenever any transmission has ended, while CS interrupt will be invoked
only when an RFWaves transmission has ended. An application can use some of the
above mechanisms though not all of them – according to its needs.
8.2.12.1 RFWaves Carrier-Sense Algorithm
Assuming our bit rate is 1Mbps. According to the described bit structure (Section 8.2.5
Bit Structure), the time difference between two rising on DATA_IO must be an integer
number of 1
μsec. If we take into account the frequency deviation between the two BB
oscillators, the time difference between two rising edges is 1
μsec±. The
depends
on the frequency deviation between the two BB oscillators. The BB uses this quality in
its carrier-sense algorithm. If an N (N = (CSR (0:3) * 2) + 2) number of “1” bit, where
each is preceded by at least one “0” bit, are received with time difference of an integer
number of 1
μsec between two consecutive “1” bit, then the CS flag in SSR equals ‘1’.
Basically, the BB counts “0” to “1” transits on DATA_IO input, where the time difference
between two transits should be an integer number (
≥ 2) of 1μsec. The number of
consecutive “1” bit that conforms to this rule is counted in the following example (Figure
8-2) in ONE_CNT counter. ONE_CNT is incremented only if a “1” bit that comes after a
“0” bit is received, where the time gap between the “1” bit and the preceding “1” bit is as
mentioned above. If the time difference between two consecutive “1” bit is out of the
allowed deviation, the ONE_CNT is reset. ONE_CNT is also reset if the number of
consecutive “0” exceeds (CSR (4:7) * 2) + 2, where CSR is the last “1” bit received is
counted in ZERO_CNT. ZERO_CNT is reset each time “1” bit is received.
Both M and N values are determined in CSR register (CSR (7:4) and CSR (3:0)
accordingly).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com