Electronic Components Datasheet Search
  English  ▼

X  

EM77950 Datasheet(PDF) 89 Page - ELAN Microelectronics Corp

Part # EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Datasheet(HTML) 89 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 85Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 86Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 87Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 88Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 89Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 90Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 91Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 92Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 93Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 81
(This specification is subject to change without further notice)
14.2.2
TCC Control Registers
As the TCC mode is defined, the related registers involved in this operation are shown
below:
PRC (0x0F):
Prescale counter.
TCC (0x10):
Timer clock/counter.
INTF (0x11):
Interrupt flag.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADIF
RBFIF
PWM1IF
PWM0IF
EINT1F
EINT0F
TCCOF
FRCOF
PRIE (0x80):
Peripherals enable control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPIE
-
BBE
ADE
PWM1E
PWM0E
TCCE
FRCE
INTE (0x81):
Interrupt enable control
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GIE
RBFIE
PWM1IE
PWM0IE
EINT1E
EINT0E
TCCOE
FRCOE
TCCC (0x93):
Timer clock/counter control.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
TCCS0
PS2
PS1
PS0
14.2.3
TCC Programming Procedures/Steps
(1) Load TCCC with the prescaler and TCC clock source.
(2) Load TCC with the TCC overflow period.
(3) Enable the interrupt function by setting TCCOE in the INTE register, if required.
(4) Enable the TCC function by setting the TCCE bit in the PRIE register.
(5) Wait for either the interrupt flag to be set (TCCOF) or the TCC interrupt to occur.
(6) The following formula describes how to calculate the TCC overflow period:
()
⎟
⎠
⎞
⎜
⎝
⎛
×
−
×
=
e
ClockSourc
escaler
TCC
Timer
TCC
1
Pr
100
0
where Clock Source = Fosc or IRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com